Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2737 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2737
Description  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2737 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2737 Datasheet HTML 2Page - New Japan Radio NJM2737 Datasheet HTML 3Page - New Japan Radio NJM2737 Datasheet HTML 4Page - New Japan Radio NJM2737 Datasheet HTML 5Page - New Japan Radio NJM2737 Datasheet HTML 6Page - New Japan Radio NJM2737 Datasheet HTML 7Page - New Japan Radio NJM2737 Datasheet HTML 8Page - New Japan Radio NJM2737 Datasheet HTML 9Page - New Japan Radio NJM2737 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
-7-
NJM2737
Ver.2004-02-24
Common Mode Rejection Ratio
vs.Temperature
VIC=V
+,0,V-
50
55
60
65
70
75
80
-50
-25
0
25
50
75
100
125
Temperature[°C]
±1.5V
±0.9V
V
+/V-=±2.5V
Supply Voltage Rejection Ratio vs.
Temperature
60
70
80
90
100
-50
-25
0
25
50
75
100
125
Temperature[°C]
V
+/V-=±3.0V to ±2.0V
V
+/V-=±1.2V to ±0.9V
V
+/V-=±2.0V to ±1.2V
Voltage Gain vs. Temperature
RL=2kΩ
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
Temperature[°C]
±1.5V
±0.9V
V
+/V-=±2.5V
Maximum Output Voltage Swing vs.
Operating Voltage
OPEN LOOP,RL=2kΩ,Ta=25°C
-4
-3
-2
-1
0
1
2
3
4
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
Operating Voltage(V
+/V-) [V]
Maximum Output Voltage
vs. Road Resistance
V
+/V-=2.5V,OPEN LOOP
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
10
100
1000
10000
100000 1000000
Load Resistance[Ω]
Ta=+85°C
Ta=-40°C
Ta=+25°C
Ta=+85°C
Ta=+25°C
Maximum Output Voltage vs. Temperature
V
+/V-=2.5V,OPEN LOOP
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
-50
-25
0
25
50
75
100
125
周囲温度
周囲温度
周囲温度
周囲温度
[°C]
RL=20kΩ
Ω
Ω
Ω
RL=2kΩ
Ω
Ω
Ω
RL=20kΩ
Ω
Ω
Ω
RL=2kΩ
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com