Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU3426 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU3426
Description  16-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3426 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU3426 Datasheet HTML 3Page - New Japan Radio NJU3426 Datasheet HTML 4Page - New Japan Radio NJU3426 Datasheet HTML 5Page - New Japan Radio NJU3426 Datasheet HTML 6Page - New Japan Radio NJU3426 Datasheet HTML 7Page - New Japan Radio NJU3426 Datasheet HTML 8Page - New Japan Radio NJU3426 Datasheet HTML 9Page - New Japan Radio NJU3426 Datasheet HTML 10Page - New Japan Radio NJU3426 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
-7 -
NJU3426
(5) SERIAL DATA TRANSMISSION
Communication between the NJU3426 and MPU uses the serial data transmission with synchronous clock, and 8 bits
serial data constitutes 1 word.
Each bit on the SI pin is fetched at the rising edge of the serial clock (SCK), and the
entire 8 bits are loaded as 1 word at the rising edge of the chip select (CSb).
During one communication, multiple words can be transferred continuously. The 1
st word must be either “Display data
RAM address”, “Command register 1” or “Command register 2”.
When the 1
st word is RAM address data, the 2nd and
ascending words must be display data.
When it’s the “Command register 1 or 2”, the 2
nd and ascending words are
ignored.
SERIAL DATA TIMING
SERIAL DATA TRANSMISSION FORMAT
•
Serial input data
DATA FORMAT FOR THE 1
ST WORD
DISPLAY DATA RAM ADRESS
B7
B6
B5
B4
B3
B2
B1
B0
0
0
*
AD4
AD3
AD2
AD1
AD0
*:don’t care
COMMAND DATA 1
B7
B6
B5
B4
B3
B2
B1
B0
1
DT2
DT1
DT0
DSP
DE2
DE1
DE0
*:don’t care
COMMAND DATA 2
B7
B6
B5
B4
B3
B2
B1
B0
0
1
*
*
DS3
DS2
DS1
DS0
*:don’t care
SERIAL DATA FOR THE 2
ND AND ASCENDING WORDS
When the 1
st word is the “Display data RAM address”, the 2nd and ascending words must be display data.
When the 1
st word is the “Command register 1 or 2”, the 2nd and ascending words are ignored.
SCK
SI
D0
D1
D2
D3
D4
D5
D6
D7
SCK
WORD 1
WORD 2
WO
RD n
CSb
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com