Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3412NG Datasheet(PDF) 2 Page - ebm-papst

Part # 3412NG
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3412NG Datasheet(HTML) 2 Page - ebm-papst

  3412NG Datasheet HTML 1Page - ebm-papst 3412NG Datasheet HTML 2Page - ebm-papst 3412NG Datasheet HTML 3Page - ebm-papst 3412NG Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
3412 NG
Technical description
Housing material
Glass-fiber reinforced PBT plastic
Impeller material
Glass-fiber reinforced PA plastic
Weight
0.100 kg
Dimensions
92 x 92 x 25 mm
Airflow direction
Exhaust over struts
Direction of rotation
Counterclockwise, viewed toward rotor
Storage
Sintec sleeve bearing
Service life L10 at 40 °C
70000 h
Service life L10 at maximum
temperature
35000 h
Cable
Leads AWG 24, TR 64, stripped and tin-plated.
Motor protection
Protection against reverse polarity and blocked rotor.
Approval
VDE, CSA, UL
Option
Speed signal
ENU (Web) · Approved 2016-06-22 · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com