Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42M12NH51 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL-R42M12NH51
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42M12NH51 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL-R42M12NH51 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42M12NH51 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3/9
Part No. : LTL-R42M12NH51
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42M12NH51
3. Absolute Maximum Ratings at TA=25℃
Parameter
Red
Yellow
Yellow Green
Blue
Unit
Power Dissipation
52
52
52
117
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦0.1ms)
60
60
60
100
mA
DC Forward Current
20
20
20
20
mA
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Color
LED1
LED2,3; LED4
Min.
Typ.
Max.
Unit Test Condition
Luminous Intensity
IV
Red
Yellow
50
110
240
mcd
LED1,4 IF=20mA
LED2,3 IF=10mA
Note 1,4
Green
Blue
8.7
180
19
400
50
880
Viewing Angle
2θ1/2
Red
Yellow
100
deg
Note 2 (Fig.6)
Green
Blue
100
60
Peak Emission Wavelength
λP
Red
Yellow
632
591
nm
Measurement
@Peak (Fig.1)
Green
Blue
572
468
Dominant Wavelength
λd
Red
Yellow
617
583
624
589
632
596
nm
LED1,4 IF=20mA
LED2,3 IF=10mA
Note 3
Green
Blue
566
460
569
470
574
475
Spectral Line Half-Width
Δλ
Red
Yellow
20
nm
Green
Blue
15
20
Forward Voltage
VF
Red
Yellow
2.1
2.6
V
LED1,4 IF=20mA
LED2,3 IF=10mA
Green
Blue
2.0
3,2
2.6
3.8
Reverse Current
IR
Red
Yellow
100
μA
VR = 5V, Note 6
Green
Blue
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3
. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
4. Iv guarantee must be included with ±30% testing tolerance.
5. Reverse current is controlled by dice source.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com