Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F12366 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Rev. 1.00
�1 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Table 2. Register Map
Start Address
End Address
Peripheral
Bus
0x4000_0000
0x4000_0FFF
USART0
APB0
0x4000_1000
0x4000_1FFF
UART0
0x4000_�000
0x4000_3FFF
Rese�ved
0x4000_4000
0x4000_4FFF
SPI0
0x4000_5000
0x4001_9FFF
Rese�ved
0x4001_0000
0x4001_0FFF
ADC
0x4001_1000
0x400�_1FFF
Rese�ved
0x400�_�000
0x400�_�FFF
AFIO
0x400�_3000
0x400�_3FFF
Rese�ved
0x400�_4000
0x400�_4FFF
EXTI
0x400�_5000
0x400�_BFFF
Rese�ved
0x400�_6000
0x400�_6FFF
I�S
0x400�_�000
0x400�_BFFF
Rese�ved
0x400�_C000
0x400�_CFFF
MCTM0
0x400�_D000
0x400�_DFFF
MCTM1
0x400�_E000
0x4003_AFFF
Rese�ved
0x4003_A000
0x4003_AFFF
SCI1
0x4003_C000
0x4003_FFFF
Rese�ved
0x4004_0000
0x4004_0FFF
USART1
APB1
0x4004_1000
0x4004_1FFF
UART1
0x4004_�000
0x4004_�FFF
Rese�ved
0x4004_3000
0x4004_3FFF
SCI0
0x4004_4000
0x4004_4FFF
SPI1
0x4004_5000
0x4004_�FFF
Rese�ved
0x4004_8000
0x4004_8FFF
I�C0
0x4004_9000
0x4004_9FFF
I�C1
0x4004_A000
0x4005_�FFF
Rese�ved
0x4005_8000
0x4005_8FFF
CMP
0x4005_9000
0x4006_�FFF
Rese�ved
0x4006_8000
0x4006_8FFF
WDT
0x4006_9000
0x4006_9FFF
Rese�ved
0x4006_A000
0x4006_AFFF
RTC/PWRCU
0x4006_B000
0x4006_DFFF
Rese�ved
0x4006_E000
0x4006_EFFF
GPTM0
0x4006_F000
0x4006_FFFF
GPTM1
0x400�_0000
0x400�_5FFF
Rese�ved
0x400�_6000
0x400�_6FFF
BFTM0
0x400�_�000
0x400�_�FFF
BFTM1
0x400�_8000
0x400�_FFFF
Rese�ved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com