Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F52243 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Rev. 1.00
�� of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Table 12. Low Speed External Clock (LSE) Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
�pe�ation Range
—
�.0
—
�.6
V
fCK_LSE
LSE F�equen�y
VDD = �.0 V ~ �.6 V
—
��.�68
—
kHz
RF
Inte�nal Feed�a�k Resisto�
—
—
10
—
MΩ
RESR
Equivalent Se�ies Resistan�e VDD = �.� V
�0
—
TBD
kΩ
CL
Re�ommended Load
Capa�itan�es
VDD = �.� V
6
—
TBD
pF
IDDLSE
�s�illato� Supply Cu��ent
(High Cu��ent Mode)
fCK_LSE = ��.�68 kHz�
RESR = 50 kΩ, CL ≥ � pF
VDD = �.0 V ~ �.� V
TA = -40 °C ~ +85 °C
—
�.�
6.�
μA
�s�illato� Supply Cu��ent
(Low Cu��ent Mode)
fCK_LSE = ��.�68 kHz�
RESR = 50 kΩ, CL < � pF
VDD = �.0 V ~ �.6 V
TA = -40 °C ~ +85 °C
—
1.8
�.�
μA
Powe� Down Cu��ent
—
—
—
0.01
μA
tsuLSE
Sta�tup Time
( Low Cu��ent Mode)
fCK_LSI = ��.�68 kHz�
VDD = �.0 V ~ �.6 V
500
—
—
ms
Note: The following guidelines a�e �e�ommended to in��ease the sta�ility of the ��ystal �i��uit of the
HSE / LSE �lo�k in the PCB layout:
■
The ��ystal os�illato� should �e lo�ated as �lose as possi�le to the MCU to keep the t�a�e
lengths as sho�t as possi�le to �edu�e any pa�asiti� �apa�itan�e.
■
Shield lines in the vi�inity of the ��ystal �y using a g�ound plane to isolate signals and
�edu�e noise.
■
Keep any high f�equen�y signal lines away f�om the ��ystal a�ea to p�event any ��osstalk
adve�se effe�ts.
Internal Clock Characteristics
Table 13. High Speed Internal Clock (HSI) Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
�pe�ation Range
—
�.0
—
�.6
V
fHSI
HSI F�equen�y
VDD = �.� V @ �5 °C
—
8
—
MHz
ACCHSI
Fa�to�y Cali��ated HSI
�s�illato� F�equen�y
A��u�a�y
VDD = �.� V� TA = �5 °C
-�
—
�
%
VDD = �.5 V ~ �.6 V�
TA = -40 °C ~ +85 °C
-�
—
�
%
VDD = �.0 V ~ �.6 V
TA = -40 °C ~ +85 °C
-4
—
4
%
Duty
Duty Cy�le
fHSI = 8 MHz
�5
—
65
%
IDDHSI
�s�illato� Supply Cu��ent
fHSI = 8 MHz
—
�00
500
μA
Powe� Down Cu��ent
—
—
0.05
μA
tsuHSI
Sta�tup Tme
fHSI = 8 MHz
—
—
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com