Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0060 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT45F0060
Description  RGB Dimming LED Flash MCU
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0060 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT45F0060 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
Rev. 1.00
66
July 19, 2017
Rev. 1.00
67
July 19, 2017
HT45F0060
RGB Dimming LED Flash MCU
HT45F0060
RGB Dimming LED Flash MCU
Cascade Tx Procedure
Step1:FirstlycleartheCASENbitto0todisableRxandTxfunctions.
Step2:SettheCASMODbithigh,andclearthePASSENbitto0toenableTxfunctionandpass
pathtotheTxcircuit.ThensettheCASENbithigh.
Step3:WritevalueintotheCASD0,CASD1,andCASD2registers
Step4:SettheTRGTXbithightobegintoshiftdataintheCASD0,CASD1,andCASD2registers
output.
Step5:WhentheCASINTinterrupthappened,fillvalueintotheCASD0,CASD1,andCASD2
registersagain.RepeatfromStep4.
Step6:WheneveryN×24bitsdatashiftout,theTxcircuitcansendaRESETcommandtoslave
device,atthattime,theRxcircuitwillsetCASRESbithighbysoftware.
Step7:RepeatfromStep3fornextframedata(N×24bits)again.
Note:ThecascadeclockfCAS1canbeadjustedfordifferentbaudrates.
EMPTY24
TRGTX
CASDO
fCAS1
PCNT_CNT
98
76
D1CNT_CNT
10
43
5
15 14 13 12
16
10
11
9
21
0
4
5
2
0
1
3
16
Dn
8
6
7
10
Data = 1 in TX Mode (n=0~22, D1CNT= 10)
EMPTY24
TRGTX
CASDO
fCAS1
PCNT_CNT
32
10
D0CNT_CNT
4
4
15 14 13 12
16
10
11
9
4
5
2
0
1
3
16
Dn
8
6
7
Data = 0 in TX Mode (n=0~22, D0CNT= 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com