Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F006 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
Rev. 1.30
1�
���i� ��� �01�
Rev. 1.30
13
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fLIRC
System C�ock (LIRC)
5V
Ta=�5°C
-10%
3�
+10%
kHz
tINT
Inte��u�t Pu�se Width
—
—
1
—
—
tSYS
tLVR
Low Vo�tage Width to Reset
—
—
1�0
�40
480
μs
tBGS
VBG Tu�n on Stab�e Time
—
—
�00
—
—
μs
tSST
System Sta�t-u� Time� Pe�iod
(Wake-u� f�om H�LT)
—
fSYS=XT�L
—
10�4
—
tSYS
fSYS=HIRC OSC
—
15~16
—
fSYS=LIRC OSC
—
1~�
—
tRSTD
System Reset De�ay Time
(Powe� On Reset)
—
—
�5
50
100
ms
System Reset De�ay Time
(�ny Reset exce�t Powe� On Reset)
—
—
8.3
16.�
33.3
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.
A/D Converter Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Condition
�VDD
�/D Conve�te� O�e�ating Vo�tage
—
VREF=�VDD
�.�
—
5.5
V
V�DI
�/D Conve�te� In�ut Vo�tage
—
—
0
—
VREF
V
VREF
�/D Conve�te� Refe�ence Vo�tage
—
—
�
—
�VDD
V
DNL
Diffe�entia� non-�inea�ity
5V
t�DCK=1.0μs
—
±1
+�
LSB
INL
Integ�a� non-�inea�ity
5V
t�DCK=1.0μs
—
±�
+4
LSB
I�DC
�dditiona� Powe� Consum�tion if �/D
Conve�te� is used
3V
No �oad (t�DCK=0.5μs)
—
0.90 1.35
m�
5V
No �oad (t�DCK=0.5μs)
—
1.�0 1.80
m�
t�DCK
�/D Conve�te� C�ock Pe�iod
�.�~5.5V
—
0.5
—
10
μs
t�DC
�/D Conve�sion Time
(Inc�ude Sam��e and Ho�d Time)
�.�~5.5V 1� bit �/D Conve�te�
—
16
—
t�DCK
t�DS
�/D Conve�te� Sam��ing Time
�.�~5.5V
—
—
4
—
t�DCK
tON�ST
�/D Conve�te� On-to-Sta�t Time
�.�~5.5V
—
�
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com