Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F86A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT67F86A
Description  TinyPower A/D Flash MCU with LCD
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F86A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT67F86A Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 213 page
background image
Rev. 1.10
1�
��to�e� �0� �01�
Rev. 1.10
13
��to�e� �0� �01�
HT67F86A
TinyPowerTM A/D Flash MCU with LCD
HT67F86A
TinyPowerTM A/D Flash MCU with LCD
D.C. Characteristics
Fordatainthefollowingtables,notethatfactorssuchasoscillatortype,operatingvoltage,operating
frequency,pinloadconditions,temperatureandprograminstructiontype,etc.,canallexertan
influenceonthemeasuredvalues.
Operating Voltage Characteristics
Ta=-40°C to 85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
�pe�ating Voltage – HXT
fSYS = 4MHz
�.�
—
5.5
V
fSYS = 8MHz
�.�
—
5.5
fSYS = 1�MHz
�.�
—
5.5
fSYS = 16MHz
3.3
—
5.5
�pe�ating Voltage – HIRC
fSYS = 8MHz
�.�
—
5.5
V
fSYS = fHIRC/� = 6MHz (HIRC: 1�MHz)
�.�
—
5.5
fSYS = 1�MHz
�.�
—
5.5
fSYS = 16MHz
3.3
—
5.5
�pe�ating Voltage – LXT
fSYS = 3��68Hz
�.�
—
5.5
V
Standby Current Characteristics
Ta=�5°C
Symbol
Standby Mode
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB
SLEEP Mode
3V
WDT off� Time Base on
—
0.�5
1.00
μA
5V
—
0.95
1.50
3V
WDT on
—
0.85
1.50
μA
5V
—
1.10
3.00
IDLE0 Mode
3V
fSUB on
—
1.0
3.0
μA
5V
—
1.5
5.0
IDLE1 Mode – HIRC
3V
fSUB on� fSYS = 8MHz
—
�80
500
μA
5V
—
540
800
3V
fSUB on� fSYS = 1�MHz
—
4�0
�50
μA
5V
—
800
1�00
5V
fSUB on� fSYS = 16MHz
—
1.1
�.0
mA
IDLE1 Mode – HXT
3V
fSUB on� fSYS = 4MHz
—
180
�50
μA
5V
—
400
600
3V
fSUB on� fSYS = 8MHz
—
300
500
μA
5V
—
630
800
3V
fSUB on� fSYS = 1�MHz
—
400
�50
μA
5V
—
830
1�00
5V
fSUB on� fSYS = 16MHz
—
1.1
�.0
mA
Notes:Whenusingthecharacteristictabledata,thefollowingnotesshouldbetakenintoconsideration:
1.Anydigitalinputsaresetupinanon-floatingcondition.
2.Allmeasurementsaretakenunderconditionsofnoloadandwithallperipheralsinanoffstate.
3.TherearenoDCcurrentpaths.
4.AllStandbyCurrentvaluesaretakenafteraHALTinstructionexecutionthusstoppingallinstruction
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com