Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F5650 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT67F5650
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5650 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT67F5650 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 235 page
background image
Rev. 1.30
��
De�e��e� 1�� �01�
Rev. 1.30
�7
De�e��e� 1�� �01�
HT67F5650/HT67F5660
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5650/HT67F5660
24-Bit Delta Sigma A/D + LCD Flash MCU
Fast Wake-up
TominimisepowerconsumptionthesedevicescanentertheSLEEPorIDLE0Mode,wherethe
systemclocksourcetothesedeviceswillbestopped.Howeverwhenthesedevicesarewokenup
again,theycantakeaconsiderabletimefortheoriginalsystemoscillatortorestart,stabiliseand
allownormaloperationtoresume.Toensurethesedevicesareupandrunningasfastaspossiblea
FastWake-upfunctionisprovided,whichallowsfSUB,namelyeithertheLXTorLIRCoscillator,to
actasatemporaryclocktofirstdrivethesystemuntiltheoriginalsystemoscillatorhasstabilised.As
theclocksourcefortheFastWake-upfunctionisfSUB,theFastWake-upfunctionisonlyavailablein
theSLEEP1andIDLE0modes.WhenthesedevicesarewokenupfromtheSLEEP0mode,theFast
Wake-upfunctionhasnoeffectbecausethefSUBclockisstopped.TheFastWake-upenable/disable
functioniscontrolledusingtheFSTENbitintheSMODregister.
IftheHXToscillatorisselectedastheNORMALModesystemclock,andiftheFastWake-up
functionisenabled,thenitwilltakeonetotwotSUBclockcyclesoftheLIRCorLXToscillatorfor
thesystemtowake-up.ThesystemwilltheninitiallyrununderthefSUBclocksourceuntil1024
HXTclockcycleshaveelapsed,atwhichpointtheHTOflagwillswitchhighandthesystemwill
switchovertooperatingfromtheHXToscillator.
IftheHIRCoscillatororLIRCoscillatorisusedasthesystemoscillatorthenitwilltake15~16
clockcyclesoftheHIRCor1~2cyclesoftheLIRCtowakeupthesystemfromtheSLEEPor
IDLE0Mode.TheFastWake-upbit,FSTENwillhavenoeffectinthesecases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
10�� HXT �y�les
10�� HXT �y�les
1~� HXT �y�les
1
10�� HXT �y�les
1~� fSUB �y�les (Syste� �uns with fSUB
first for 1024 HXT cycles and then
swit�hes ove� to �un with the HXT �lo�k)
1~� HXT �y�les
HIRC
x
15~1� HIRC �y�les 15~1� HIRC �y�les
1~� HIRC �y�les
LIRC
x
1~� LIRC �y�les
1~� LIRC �y�les
1~� LIRC �y�les
LXT
x
10�� LXT �y�les
10�� LXT �y�les
1~� LXT �y�les
"x": don’t �a�e
Wake-Up Times
NotethatiftheWatchdogTimerisdisabled,whichmeansthattheLXTandLIRCareallbothoff,
thentherewillbenoFastWake-upfunctionavailablewhenthesedeviceswake-upfromtheSLEEP0
Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com