Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40LP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS40LP
Description  120 mA Schottky Rectifier 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40LP Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS40LP Datasheet HTML 1Page - Micro Commercial Components BAS40LP Datasheet HTML 2Page - Micro Commercial Components BAS40LP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
Revision:
D
20
17/04/07
2 of 3
Micro Commercial Components
M C C
R
BAS40LP
0
5
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
0.00
0.05
0.10
0.15
010
30
40
1E-3
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
REVERSE VOLTAGE V
R
(V)
T
a=25
℃
f=1MHz
Capacitance Characteristics
AMBIENT TEMPERATURE T
a
(℃)
Power Derating Curve
T
a=25
℃
T
a=100
℃
20
REVERSE VOLTAGE V
R
(V)
Reverse Characteristics
Pulsed
Pulsed
T
a=25
℃
T
a=100
℃
Forward Characteristics
FORWARD VOLTAGE V
F
(V)
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com