Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWR-SJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DWR-SJS
Description  Power DomiLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWR-SJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DWR-SJS Datasheet HTML 1Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 2Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 3Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 4Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 5Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 6Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 7Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 8Page - DOMINANT Semiconductors DWR-SJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
DWS-SJS-ST2-1
DWS-SJS-T2V1-1
DWR-SJS-TU2-1
DWR-TJS-UV2-1
DWR-TJS-VW2-1
DWA-SJS-UV2-1
DWA-SJS-VW1-1
DWO-SJS-UV2-1
DWY-SJS-UV1-1
DWY-SJS-U2V-1
DWY-TJS-UV2-1
DWP-SJS-PQ1-1
DWP-SJS-P2R1-1
DWP-SJS-Q2R-1
Super Red, 632nm
Super Red, 632nm
Red, 625nm
Red, 625nm
Red, 625nm
Amber, 615nm
Amber, 615nm
Orange, 605nm
Yellow, 587nm
Yellow, 587nm
Yellow, 587nm
Pure Green, 560nm
Pure Green, 560nm
Pure Green, 560nm
120
120
120
120
120
120
120
120
120
120
120
120
120
120
180.0
355.0
285.0
450.0
715.0
450.0
715.0
450.0
450.0
560.0
450.0
45.0
56.0
90.0
AlInGaP : DWx
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 50mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups may also be available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Min.
Typ.
Max.
285.0
560.0
450.0
715.0
1125.0
715.0
1000.0
715.0
560.0
900.0
715.0
56.0
90.0
135.0
450.0
900.0
715.0
1125.0
1800.0
1125.0
1400.0
1125.0
900.0
1125.0
1125.0
90.0
140.0
180.0
Optical Characteristics at Tj=25˚C
Typ. (V)
Vf @ If = 50mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DWS-SJS, DWR-SJS, DWA-SJS,
DWR-TJS, DWY-TJS
2.1
2.6
12
12
2.6
3.2
DWO-SJS, DWY-SJS, DWP-SJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Min. (V)
1.7
1.7
04/09/2014 V18.0
Not for new design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com