Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWA-SJS Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DWA-SJS
Description  Power DomiLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWA-SJS Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DWA-SJS Datasheet HTML 1Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 2Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 3Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 4Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 5Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 6Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 7Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 8Page - DOMINANT Semiconductors DWA-SJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
04/09/2014 V18.0
1
Features:
> High brightness surface mount LED using thin film technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
Power DomiLEDTM
With its significant power in terms brightness, viewing angle and variety of
application possibilities, Power DomiLED™ truly is a standout performer!
Ideal for automotive interior lighting as well as home, office and industrial
applications, it is also a proven performer in electronic signs and signals.
DATA SHEET:
Power DomiLEDTM
AlInGaP : DWx
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive:
Interior applications, eg: switches, telematics, climate control system,
dashboard, etc.
Exterior applications, eg: signal lighting, Center High Mounted Stop Light
(CHMSL)
> Signage: full colour display video notice board, signage, special effect
lighting.
> Industrial: white goods (eg: Oven, microwave, etc.), light bar, illuminated
advertising.
> Lighting: architecture lighting, general lighting, garden light, channel light.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DWA-SJS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWA-SJS DOMINANT-DWA-SJS Datasheet
880Kb / 13P
Power LED
DWA-SJS-U1 DOMINANT-DWA-SJS-U1 Datasheet
880Kb / 13P
Power LED
DWA-SJS-U2 DOMINANT-DWA-SJS-U2 Datasheet
880Kb / 13P
Power LED
DWA-SJS-UV2-1 DOMINANT-DWA-SJS-UV2-1 Datasheet
880Kb / 13P
Power LED
DWA-SJS-V1 DOMINANT-DWA-SJS-V1 Datasheet
880Kb / 13P
Power LED
More results

Similar Description - DWA-SJS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6W-VZKG DOMINANT-D6W-VZKG Datasheet
1Mb / 15P
Extreme Power DomiLED
DWW-KZKG DOMINANT-DWW-KZKG_16 Datasheet
1Mb / 16P
Power DomiLED
DWW-KZKG-L1P2 DOMINANT-DWW-KZKG-L1P2 Datasheet
1Mb / 15P
Power DomiLED
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
Power DomiLED
DWX-MJS DOMINANT-DWX-MJS_17 Datasheet
1Mb / 15P
Power DomiLED
DWX-MKG DOMINANT-DWX-MKG Datasheet
1Mb / 15P
Power DomiLED
DWX-MZJS DOMINANT-DWX-MZJS_18 Datasheet
1Mb / 14P
Power DomiLED
DWX-PJG DOMINANT-DWX-PJG_17 Datasheet
1Mb / 14P
Power DomiLED
DWX-PKG DOMINANT-DWX-PKG_16 Datasheet
1Mb / 14P
Power DomiLED
DWZY-KZKG DOMINANT-DWZY-KZKG_16 Datasheet
1Mb / 15P
Power DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com