Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWX-MJS Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DWX-MJS
Description  Power DomiLED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWX-MJS Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DWX-MJS Datasheet HTML 1Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 2Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 3Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 4Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DWX-MJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
03/07/2017 V13.0
5
AlInGaP : DWx-MJS
Luminous Intensity Group at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage V
F (V)
Forward Current I
F (mA)
Relative Luminous Intensity Vs Forward Current
I
V/IV(50mA) = f(IF); Tj = 25°C
Temperature T(°C)
Maximum Current Vs Temperature
I
F=f(T)
Wavelength λ (nm)
Duty Ratio, %
Allowable Forward Current Vs Duty Ratio
( T
j = 25°C; tp ≤ 10μs)
Radiation Pattern
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Yellow
Orange
Amber
Red
Super Red
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
Ta
0
10
20
30
40
50
60
70
80
90
0
10 20 30 40 50 60 70 80 90 100 110
Ts
Ta = Ambient Temperature
Ts = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(50mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 50mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Yellow
Orange
Amber
Red
Super Red
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
Ta
0
10
20
30
40
50
60
70
80
90
0
10 20 30 40 50 60 70 80 90 100 110
Ts
Ta = Ambient Temperature
Ts = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(50mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 50mA
Forward Current Vs Forward Voltage
I
F = f(VF); Tj = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Yellow
Orange
Amber
Red
Super Red
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
Ta
0
10
20
30
40
50
60
70
80
90
0
10 20 30 40 50 60 70 80 90 100 110
Ts
Ta = Ambient Temperature
Ts = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(50mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 50mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Yellow
Orange
Amber
Red
Super Red
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
Ta
0
10
20
30
40
50
60
70
80
90
0
10 20 30 40 50 60 70 80 90 100 110
Ts
Ta = Ambient Temperature
Ts = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(50mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 50mA
Relative Spectral Emission
I
rel = f(λ); Tj = 25°C; IF = 50mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.8
1.9
2.0
2.1
2.2
2.3
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350 400 450 500 550 600 650 700 750 800 850
Yellow
Orange
Amber
Red
Super Red
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
Ta
0
10
20
30
40
50
60
70
80
90
0
10 20 30 40 50 60 70 80 90 100 110
Ts
Ta = Ambient Temperature
Ts = Solder Point Temperature
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Luminous Intensity Vs Forward Current
IV/IV(50mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 50mA
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com