Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1DFL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GS1DFL
Description  1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS1DFL Datasheet(HTML) 1 Page - Micro Commercial Components

  GS1DFL Datasheet HTML 1Page - Micro Commercial Components GS1DFL Datasheet HTML 2Page - Micro Commercial Components GS1DFL Datasheet HTML 3Page - Micro Commercial Components GS1DFL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS1A
FL
THRU
GS1M
FL
1.0 Amp Glass
Passivated Rectifier
50 to 1000 Volts
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 13
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GS1AFL
GS1A
50V
35V
50V
GS1BFL
GS1B
100V
70V
100V
GS1DFL
GS1D
200V
140V
200V
GS1GFL
GS1G
400V
280V
400V
GS1JFL
GS1J
600V
420V
600V
GS1KFL
GS1K
800V
560V
800V
GS1MFL
GS1M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
TL = 110
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine,
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
•
Extremely Low Thermal Resistance
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Revision:
E
2015/08/18





Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note 1: High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
www.mccsemi.com
1 of 4
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.

.
7
0
1.20
E
.0

.



C
.004
.01

0.10
0.

D
.0

.

.

E
.173
.2

4.40
5.

(
.126
.

3.20

/
.028
.0

0
1.

SUGGESTED SOLDER
PAD LAYOUT
(SMA-FL)
DO-221AC
•
Halogen free available upon request by adding suffix "-HF"
Features
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
Micro Commercial Components
M C C
TM


Similar Part No. - GS1DFL

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
GS1DF CHENDA-GS1DF Datasheet
627Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS1DF SUNMATE-GS1DF Datasheet
516Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS1DF ZSELEC-GS1DF Datasheet
149Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
More results

Similar Description - GS1DFL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HDB101G MCC-HDB101G Datasheet
98Kb / 2P
1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts
1H1G MCC-1H1G Datasheet
365Kb / 2P
1.0 Amp Glass Passivated High Efficient Rectifier 50 - 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
HER101G MCC-HER101G Datasheet
410Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
HER101G MCC-HER101G_13 Datasheet
437Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
M1FL MCC-M1FL Datasheet
665Kb / 3P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com