Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2FL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # M2FL
Description  1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

M2FL Datasheet(HTML) 2 Page - Micro Commercial Components

  M2FL Datasheet HTML 1Page - Micro Commercial Components M2FL Datasheet HTML 2Page - Micro Commercial Components M2FL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
A
2017/07/22
www.mccsemi.com
2 of
3
Micro Commercial Components
M C C
R
■ Characteristics (Typical)
Number of Cycles
FIG2:Surge Forward Current Capability
8.3ms Single Half Sine Wave
1
10
100
0
30
5
10
15
20
25
0
210
FIG1:Io-TL Curve
Single Phase Sine Wave 60Hz
Resistive Load
Lead Temperature(℃)
1.2
0
30
60
90
120
150
180
0.2
0.4
0.6
0.8
1.0
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
Instantaneous Forward Voltage(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
0
20
40
60
80
100
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
Tj=125℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com