Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQF-SSG Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # PQF-SSG
Description  PrimaxPlus
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

PQF-SSG Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  PQF-SSG Datasheet HTML 1Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 2Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 3Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 4Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 5Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 6Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 7Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 8Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
10/07/2017 V6.0
1
DATA SHEET :
PrimaxPlus
100 InGaN Warm White : PQF-SSG
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive Interior Lighting
(Dome lamp, map lighting, and trunk lighting)
> Industrial Illumination.
> White Goods Lighting.
DOMINANT
Opto Technologies
Innovating Illumination
TM
Features:
> Super high brightness surface mount LED
> 120° viewing angle.
> Compact package outline (LxW) of 3.7 x 3.5 mm.
> Ultra low height profile - 0.8mm.
> Low thermal resistance.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Compliance to automotive standard; AEC-Q101.
> Passed Corrosion Resistant Test. Appx. 4.1
Primax
Synonymous with function and performance, enter the Primax, the new
era of high intensity illumination in LED. With its high flux output and high
luminous intensity, Primax transcends today LED lightings technology and
how we perceive it. The small package outline and high intensity make it
an ideal choice for backlighting, signage, exterior automotive lighting and
decorative lighting.


Similar Part No. - PQF-SSG

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PQF-2E-500 MERRIMAC-PQF-2E-500 Datasheet
38Kb / 1P
90 POWER DIVIDER / COMBINER
More results

Similar Description - PQF-SSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
MAF-PSC DOMINANT-MAF-PSC_17 Datasheet
1Mb / 18P
PrimaxPlus
MAW-KZHG DOMINANT-MAW-KZHG_17 Datasheet
1Mb / 16P
PrimaxPlus
MAW-KZHG-L1P2 DOMINANT-MAW-KZHG-L1P2 Datasheet
1Mb / 15P
PrimaxPlus
MAW-SZHG-L1P2 DOMINANT-MAW-SZHG-L1P2 Datasheet
1Mb / 15P
PrimaxPlus
MAZY-SZHG DOMINANT-MAZY-SZHG Datasheet
1Mb / 15P
PrimaxPlus
MBFF-FSC DOMINANT-MBFF-FSC_17 Datasheet
1Mb / 19P
PrimaxPlus
MBWW-FSC DOMINANT-MBWW-FSC_17 Datasheet
1Mb / 16P
PrimaxPlus
MBWW-KSG DOMINANT-MBWW-KSG_17 Datasheet
1Mb / 15P
PrimaxPlus
MBWW-KZHG-L1P2 DOMINANT-MBWW-KZHG-L1P2 Datasheet
1Mb / 15P
PrimaxPlus
PQW-SSG DOMINANT-PQW-SSG Datasheet
1Mb / 16P
PrimaxPlus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com