Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1YA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S1YA
Description  1.0 Amp Glass Passivated Rectifier 1600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S1YA Datasheet(HTML) 1 Page - Micro Commercial Components

  S1YA Datasheet HTML 1Page - Micro Commercial Components S1YA Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1YA
1.0 Amp Glass
Passivated Rectifier
1600 Volts
DO-214AC
(SMA) (LEAD FRAME)
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S1YA
S1Y
A
1600V
1120V
1600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
TL = 125
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine,
Maximum
Instantaneous
Forward Voltage
V
1.25V(max)
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
100
µA
TJ = 25
°C
TJ = 125
°C
Typical Reverse
Recovery Time
T RR
2.0us
IF=0.5A
IR=1.0A, I RR=0.25A
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
•
Extremely Low Thermal Resistance
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Features
Revision:
A
20
15/01/15





INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
---
.008
---
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
DIMENSIONS
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note 1: High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
www.mccsemi.com
1 of
2
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
1.10V(typ)
F
Competitive cost
•
Micro Commercial Components
M C C
TM


Similar Part No. - S1YA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S1Y MCC-S1Y Datasheet
341Kb / 1P
1 Amp Silicon Rectifier 1200 to 2000 Volts
logo
Diotec Semiconductor
S1Y DIOTEC-S1Y Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Semikron International
S1Y SEMIKRON-S1Y Datasheet
148Kb / 2P
Standard silicon rectifier diodes
S1Y SEMIKRON-S1Y Datasheet
189Kb / 2P
Standard silicon rectifier diodes
logo
Micro Commercial Compon...
S1Y MCC-S1Y Datasheet
588Kb / 3P
1 Amp Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - S1YA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4016 MCC-1N4016 Datasheet
424Kb / 3P
1.0 Amp Plastic Silicon Rectifier 1600 Volts
logo
SeCoS Halbleitertechnol...
SCD5393 SECOS-SCD5393_15 Datasheet
470Kb / 2P
1.0 AMP Glass Passivated Rectifier
logo
Micro Commercial Compon...
GBJ2510H MCC-GBJ2510H Datasheet
272Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 1600 Volts
MB1YS MCC-MB1YS Datasheet
259Kb / 3P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 1600 Volts
1N5416GP MCC-1N5416GP Datasheet
304Kb / 3P
3 Amp Glass Passivated Rectifier 1600 Volts
GS1AFL MCC-GS1AFL Datasheet
392Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1R-L MCC-GS1R-L Datasheet
249Kb / 4P
1.0 Amp Glass Passivated Rectifier 1300 Volts
GS1Y-L MCC-GS1Y-L Datasheet
189Kb / 2P
1.0 Amp Glass Passivated Rectifier 1600 Volts
GS1Z-L MCC-GS1Z-L Datasheet
426Kb / 3P
1.0 Amp Glass Passivated Rectifier 2000 Volts
GS2Y-L MCC-GS2Y-L Datasheet
418Kb / 3P
1.5 Amp Glass Passivated Rectifier 1600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com