Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8GL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S8GL
Description  Rectifier 50 - 1000 Volts 8 Amp Surface Mount Glass Passivated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S8GL Datasheet(HTML) 1 Page - Micro Commercial Components

  S8GL Datasheet HTML 1Page - Micro Commercial Components S8GL Datasheet HTML 2Page - Micro Commercial Components S8GL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S8AL
THRU
S8ML
Rectifier
50 - 1000 Volts
Features
•
Glass Passivated Chip
•
High Surge Current Capability
•
Low Leakage
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TL = 100
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 8.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
MCC
•
Operating Junction Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S8AL
50V
35V
50V
S8BL
100V
70V
100V
S8DL
200V
140V
200V
S8GL
400V
280V
400V
S8JL
600V
420V
600V
S8KL
800V
560V
800V
S8ML
S8ML
1 000V
700V
1000V
8 Amp Surface Mount
Glass Passivated
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: C
2014/03/07
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
S8AL
S8BL
S8DL
S8KL
S8GL
S8JL
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.060
0.76
1.52
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
G
H
E
D
F
A
B
C
SMC (DO-214AB)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Maximum Ratings
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - S8GL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8GL MCC-S8GL Datasheet
217Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
S8GL MCC-S8GL Datasheet
240Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
More results

Similar Description - S8GL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_08 Datasheet
93Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
S8AL MCC-S8AL Datasheet
217Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05 MCC-SMLJ60S05 Datasheet
217Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S5 MCC-SMLJ60S5 Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
S8M-LTP MCC-S8M-LTP Datasheet
240Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05-TP MCC-SMLJ60S05-TP Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
GBJ8005 MCC-GBJ8005_13 Datasheet
208Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
S10AL MCC-S10AL Datasheet
218Kb / 4P
Rectifier 50 - 1000 Volts 10 Amp Surface Mount Glass Passivated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com