Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10ML Datasheet(PDF) 3 Page - Micro Commercial Components

Part # S10ML
Description  Rectifier 50 - 1000 Volts 10 Amp Surface Mount Glass Passivated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S10ML Datasheet(HTML) 3 Page - Micro Commercial Components

  S10ML Datasheet HTML 1Page - Micro Commercial Components S10ML Datasheet HTML 2Page - Micro Commercial Components S10ML Datasheet HTML 3Page - Micro Commercial Components S10ML Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
1
100
4
0
50
100
150
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
200
250
300
Figure 4
Typical Reverse Characteristics
Volts
40
60
200
100
PAmps
20
120
40
60
80
100
.1
.2
.4
.6
1
2
4
6
10
20
TA=25qC
400
600
1000
140
S10AL thru S10ML
www.mccsemi.com
3 of 4
Revision: E
2017/04/12
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com