Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC01-3.3SC Datasheet(PDF) 2 Page - Recom International Power

Part # RAC01-3.3SC
Description  Ultracompact Low Profile AC-DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC01-3.3SC Datasheet(HTML) 2 Page - Recom International Power

  RAC01-3.3SC Datasheet HTML 1Page - Recom International Power RAC01-3.3SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-power.com
PA-3
REV: 0/2015
POWERLINE
AC/DC-Converter
Standard Package Style and Pinning
Pin Connections
Pin #
Single Output
1
VAC in (N)
2
VAC in (L)
3
-VDC out
4
+VDC out
1
Bottom View
Top View
3
4
2
Allow 5mm clearance around converter for air circulation
15.24
22.2
2.54
1.0ø+0.2/–0.1
0.6ø
33.7
17.0
6.1
2.54
17.75
±0.25
0.75±0.25
7.62
7.62
7.62
5.0
28.0
2.54
Leave Clear
of
PCB Traces
Tolerance
± 0.5 mm
unless otherwise specified
Recommended Application Circuit
Compact single output regulated power supply
Suggested fuse rating: 1A Slow Blow.
An external MOV is required for 230VAC opera-
tion. The varistor should comply with IEC-61051-
2 e.g. Epcos S14 series
Package Weight
25g
Packing Quantity
22 pcs
EMC
Conducted and Radiate
EN55022 Class B
Noise Immunity
EN55024
MTBF
+25°C
666 x 103 hours
230VAC
+55°C
395 x 103 hours
using MIL-HDBK-217F
+80°C
125 x 103 hours
Certifications:
UL General Safety
File Nr. E224736
UL-60950-1, 2nd Edition
EN General Safety
SPCLVD 1202026
EN-60950-1, 2nd Edition
CE
Report: 2011-04-19
EN55022 Class B
Specifications (measured at TA 25°C, full load after warm-up)
N
Load
C1(Optional)
330uF
L
1A Fuse
MOV
- required for
230VAC Surge
Protection only
Add C1 to reduce output ripple (use low ESR type)
VACin (L)
VACin (N)
Vout+
Vout-
RAC02-05SC
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
230VAC
115VAC
RAC01-05SC
RAC01-SC
RAC02-SC
Input Voltage Derating Graph
Input Voltage (VAC) Ta=25°C
Safe Operating Area
100%
90%
80%
70%
80
130
180
230
280
90V, 100%
85V, 90%
80V, 80%
Notes:
Note1: Measured @ 230VAC / 50Hz / Ta=25°C with constant resistant mode at full load.
Note2: If used @ 115VAC / 60Hz with full load, max. capacitive load is less, please contact RECOM for detailed information.
Note3: Start up only is guaranteed at temperatures down to -25°C. Other specifications may not be met.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com