Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC15-SD Datasheet(PDF) 3 Page - Recom International Power

Part # REC15-SD
Description  2kVDC And 3kVDC Isolation Options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-SD Datasheet(HTML) 3 Page - Recom International Power

  REC15-SD Datasheet HTML 1Page - Recom International Power REC15-SD Datasheet HTML 2Page - Recom International Power REC15-SD Datasheet HTML 3Page - Recom International Power REC15-SD Datasheet HTML 4Page - Recom International Power REC15-SD Datasheet HTML 5Page - Recom International Power REC15-SD Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Accuracy
3.4Vout
all other
±1.2% max.
±1.0% max.
Line Regulation
±0.3% max.
Load Regulation
25% to 100% load
Single
Dual
±0.5% max.
±1.2% max.
Cross Regulation
dual output only
25% to 100% load
±5.0% max.
continued on next page
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC15-S_D(Z)/M
Series
ECO-3
REV.: 0/2017
www.recom-power.com
Efficiency vs. Load
REC15-485.1SZ/H2/M
REC15-245.1SZ/H2/M
REC15-485.1SZ/H2/M
REC15-2415D/H2/M
REC15-2412S/H2/M
100
0
20
40
60
80
0
90
100
80
70
60
50
40
30
20
10
Output Current [%]
18Vin
24Vin
36Vin
48Vin
54Vin
75Vin
3.0
0
1.0
0.5
1.5
2.0
2.5
-1.0
+1.0
+0.5
0
-0.5
Output Current [A]
3.0
0
1.0
0.5
1.5
2.0
2.5
-1.0
+1.0
+0.5
0
-0.5
Output Current [A]
1.25
0
0.5
0.25
0.75
1.0
Output Current [A]
-1.0
+1.0
+0.5
0
-0.5
100
0
20
40
60
80
0
90
100
80
70
60
50
40
30
20
10
Output Current [%]
18Vin
24Vin
30Vin
36Vin
Accuracy vs. Load
(@ min Vin to max. Vin)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com