Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP600C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP600C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP600C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP600C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP600C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP600C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP600C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP600C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP600C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP600C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP600C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.047 (1.2)
0.031 (0.8)
0.035 (0.9)
0.028 (0.7)
0.012 (0.3)
0.071 (1.8)
0.055 (1.4)
0.039 (1.0)
TOP
SIDE
BOTTOM
+
-
POLARITY
CATHODE
PACKAGE DIMENSIONS
FEATURES
• Small footprint - 1.6(L) X 0.8(W) X 0.8(H) mm
• Water clear optics
• AllnGaP technology for -R, -E, -O, -Y and -AG
• Moisture-proof packaging
• InGaN/SiC technology for -IG and -IB
• Available in 0.315” (8mm) width tape on 7” (178mm)
• Wide viewing angle of 100°
diameter reel; 2,000 units per reel
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0603 (0.8 mm Height)
QTLP600C-R Red
QTLP600C-E Orange
QTLP600C-O Yellow-Orange
QTLP600C-Y Yellow
QTLP600C-AG Yellow-Green
QTLP600C-IG True Green
QTLP600C-IB Blue
DESCRIPTION
These surface mount chip LEDs are designed to fit industry standard footprint. Small size, low profile and wide viewing angle make
these LEDs ideal choices for backlighting applications and panel illumination.
APPLICATIONS
• Keypad backlighting
• Push-button backlighting
• LCD backlighting
NOTE:
Dimensions for all drawings are in inches (mm).
 2001 Fairchild Semiconductor Corporation
DS300085
8/30/01
1 OF 8
www.fairchildsemi.com


Similar Part No. - QTLP600C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-RAG FAIRCHILD-QTLP600C-RAG Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
More results

Similar Description - QTLP600C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP601C FAIRCHILD-QTLP601C Datasheet
362Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP660C FAIRCHILD-QTLP660C Datasheet
158Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP603C-EB FAIRCHILD-QTLP603C-EB Datasheet
470Kb / 6P
SURFACE MOUNT LED LAMP 0603 (0.35 mm Height)
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
78Kb / 6P
STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP601CRTR FAIRCHILD-QTLP601CRTR Datasheet
368Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP600CBTR FAIRCHILD-QTLP600CBTR Datasheet
84Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C7TR FAIRCHILD-QTLP600C7TR Datasheet
85Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com