Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG030-148/12 Datasheet(PDF) 2 Page - ebm-papst

Part # QG030-148/12
Description  DC tangential blower
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

QG030-148/12 Datasheet(HTML) 2 Page - ebm-papst

  QG030-148/12 Datasheet HTML 1Page - ebm-papst QG030-148/12 Datasheet HTML 2Page - ebm-papst QG030-148/12 Datasheet HTML 3Page - ebm-papst QG030-148/12 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC tangential blower
forward-curved
QG030-148/12
Technical description
Weight
0.235 kg
Impeller material
Aluminum
Housing material
Aluminum, housing side parts made of plastic.
Direction of rotation
Clockwise, viewed toward rotor
Storage
Motor with ball bearing system. Impeller retaining plate with sleeve bearing.
Service life L10 at 40 °C
30000 h
Service life L10 at maximum
temperature
20000 h
Cable
With leads AWG 24, TR 64
Motor protection
Protection against reverse polarity and blocked rotor.
Locked-rotor protection
Locked-rotor and overload protection
Approval
VDE, CSA, UL, CE
ENU (Web) · Approved 2016-06-22 · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com