Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP6050SPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP6050SPS
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6050SPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP6050SPS Datasheet HTML 1Page - Diodes Incorporated DMP6050SPS Datasheet HTML 2Page - Diodes Incorporated DMP6050SPS Datasheet HTML 3Page - Diodes Incorporated DMP6050SPS Datasheet HTML 4Page - Diodes Incorporated DMP6050SPS Datasheet HTML 5Page - Diodes Incorporated DMP6050SPS Datasheet HTML 6Page - Diodes Incorporated DMP6050SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP6050SPS
Document number: DS40042 Rev. 3 - 2
4 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMP6050SPS
0.02
0.04
0.06
0.08
0.1
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS = -10V, ID = -5.0A
V
GS = -4.5V, ID = -4.0A
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
J = 125
oC
T
J = 85
oC
T
J = 25
oC
T
J = -55
oC
V
GS = 0V
T
J = 150
oC
10
100
1000
10000
0
10
20
30
40
50
60
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10.Typical Junction Capacitance
f = 1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
4
8
12
16
20
24
28
32
Q
g (nC)
Figure 11. Gate Charge
V
DS = -30V, ID = -5.0A
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W = 100ms
P
W = 100µs
P
W = 1µs
DC
R
DS(ON) Limited
P
W = 10µs
P
W = 1ms
T
J(Max) = 150℃ TC = 25℃
Single Pulse
DUT on Infinite Heatsink
V
GS = -10V
P
W = 10ms
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = -250μA
I
D = -1mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com