Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP6050SPS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP6050SPS-13
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6050SPS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP6050SPS-13 Datasheet HTML 1Page - Diodes Incorporated DMP6050SPS-13 Datasheet HTML 2Page - Diodes Incorporated DMP6050SPS-13 Datasheet HTML 3Page - Diodes Incorporated DMP6050SPS-13 Datasheet HTML 4Page - Diodes Incorporated DMP6050SPS-13 Datasheet HTML 5Page - Diodes Incorporated DMP6050SPS-13 Datasheet HTML 6Page - Diodes Incorporated DMP6050SPS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP6050SPS
Document number: DS40042 Rev. 3 - 2
2 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMP6050SPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-5.7
-4.5
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
-45
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-2.4
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
-45
A
Avalanche Current (Note 8) L = 0.1mH
IAS
-25
A
Repetitive Avalanche Energy (Note 8) L = 0.1mH
EAS
32
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.3
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 5)
RθJA
95
°C/W
Power Dissipation (Note 6)
PD
2.4
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 6)
RθJA
52
°C/W
Thermal Resistance, Junction to Case @ TC = +25°C (Note 7)
RθJC
2.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
-60
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
-1.0
—
-3.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
—
43
50
m
Ω
VGS = -10V, ID = -5A
—
53
70
VGS = -4.5V, ID = -4A
Diode Forward Voltage
VSD
—
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
2163
—
pF
VDS = -30V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
88
—
pF
Reverse Transfer Capacitance
Crss
—
58
—
pF
Gate Resistance
Rg
—
13
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -10V)
Qg
—
30
—
nC
VDS = -30V, ID = -5A
Total Gate Charge (VGS = -4.5V)
Qg
—
14
—
nC
Gate-Source Charge
Qgs
—
5
—
nC
Gate-Drain Charge
Qgd
—
4.6
—
nC
Turn-On Delay Time
tD(ON)
—
4.7
—
ns
VGS = -10V, VDS = -30V,
RG = 3Ω, ID = -5A
Turn-On Rise Time
tR
—
2.7
—
ns
Turn-Off Delay Time
tD(OFF)
—
73
—
ns
Turn-Off Fall Time
tF
—
25
—
ns
Body Diode Reverse Recovery Time
tRR
—
18
—
ns
IF = -5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
12
—
nC
IF = -5A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com