Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9237CS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RT9237CS
Description  MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9237CS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RT9237CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9237CS Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Preliminary
RT9237
DS9237-00 January 2002
www.richtek-ic.com.tw
11
IMP
RAMP
R
k
56
V
1
V
Ω
×
=
kHz
2
.
1
LC
2
1
=
π
kHz
8
.
8
CR
2
1
ESR
=
π
1
2
Z
C
R
2
1
F
π
=
)
C
C
C
C
(
R
2
1
F
2
1
2
1
2
P
+
×
π
=
Design Example
Three phase converter VCORE = 1.5V, VIN = 12V, full
load current = 60Amp, droop voltage at full load =
120mV, OCP trip point for each power stage =
30Amp (at Sample/Hold), low side MOSFET RDS(ON)
= 6m
Ω at room temperature, L = 2µH, COUT =
9000
µF, capacitor ESR = 2m Ω.
1. Compensation setting
a. Modulator Gain, Pole and Zero
Modulator Gain =
, saw-tooth wave
amplitude
, choose RIRMP
= 39K, VRAMP = 1.4V, modulator Gain = 8.6 =
18.7dB, LC filter pole =
,
ESR zero =
b. EA compensation network
Use type 2 compensation scheme (see Fig. 5),
,
,
mid-band gain =
. Choose R1 = 2.4K
Ω, R2 =
24K
Ω, C1 = 6.6nF, C2 = 33pF, get FZ = 1KHz,
Fp = 200KHz, mid-band Gain=10=20dB,
modulator asymptotic Bode plot of EA
compensation and PWM loop Gain Bode
shown as Fig. 6.
Fig. 5 EA Compensation Network
Fig. 6 Asymptotic Bode Plot of PWM Loop Gain
2. Droop setting
Full load current of each power channel = 60A/3 =
20Amp, the ripple current =
∆IL =
, load current at S/H =
, GM
Amp S/H
, suggested IX
at full = 40
µA〜50µA, choose RSP = RSN = 2.7KΩ,
IX(MAX) = 40.8
µA, required Droop = 120mV =
40.8
µA×3×2/3×RADJ ,RADJ = 1.47KΩ.
Take the temperature rising for consideration, if
MOSFET working temperature=70
°C and the
temperature coefficient =5000ppm/
°C, the
RDS(ON)(70
°C) = 6mΩ × {1+(70°C-27°C) ×
5000ppm/
°C} = 7.3 mΩ, RADJ(70°C) = RADJ(27°C)
× {RDS(ON)(27°C)/RDS(ON)(70°C)} = 1.21KΩ
3. Over Current Protection setting
OCP trip point current = 30A (at Sample/Hold),
,
RIMAX=13.6K
Ω
Take the temperature rising for consideration,
RIMAX(70
°C) = RIMAX(27°C) ×
{RDS(ON)(27
°C)/RDS(ON)(70°C)} = 11.2KΩ
4. SS capacitor
CSS = 0.1
µF is the suitable value for most
application.
RAMP
IN
V
V
1
2
R
R
Asymptotic Bode Plot of PWM Loop Gain
-60
-40
-20
0
20
40
60
80
100
10
100
1000
10000
100000
1000000 10000000
Frequency (Hz)
10
100
1K
10K
100K
1M
10M
Uncompensated EA Gain
Compensated EA Gain
Modulator Gain
PWM Loop Gain
A
28
.
3
V
12
V
5
.
1
1
H
2
V
5
.
1
S
5
=
 −
×
µ
×
µ
A
36
.
18
2
I
A
20
L =
∆
−
SP
)
ON
(
DS
)
MAX
(
X
R
A
36
.
18
R
I
×
=
IMAX
SP
)
ON
(
DS
X
R
V
6
.
0
2
3
R
A
30
R
I
×
=
×
=
_
EA
C1
C3
C2
R2
R3
R1
FB
DACOUT
VCORE
COMP
R3, C3 are used in type 3
compensation scheme (left
NC in type 2)
ROL
ROL for no load offset
setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com