Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSX-ASS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DSX-ASS
Description  Right Angle DomiLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSX-ASS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DSX-ASS Datasheet HTML 1Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 2Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 3Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 4Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 5Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 6Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 7Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 8Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
DSS-ASS-J2L1-1
DSA-ASS-LM2-1
DSY-ASS-LM2-1
DSG-ASS-H2K1-1
10/03/2016 V5.0
2
Super red, 632nm
Amber, 615nm
Yellow, 587nm
Green, 570nm
120
120
120
120
5.60
11.20
11.20
3.55
AllnGaP : DSx-ASS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 2mA IV (mcd)
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
9.00
18.00
18.00
4.50
14.00
28.50
28.50
9.00
NOTE
1. All part number above comes in a quantity of 2500 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Typ. (V)
Vf @ If = 2mA
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DSx-ASS
2.0
2.3
12
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
20
100
12
2
125
-40 … +100
-40 … +100
50
mA
mA
V
kV
˚C
˚C
˚C
mW
Min. (V)
1.7
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com