Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSX-XSS Datasheet(PDF) 13 Page - DOMINANT Semiconductors

Part # DSX-XSS
Description  Right Angle DomiLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSX-XSS Datasheet(HTML) 13 Page - DOMINANT Semiconductors

Back Button DSX-XSS Datasheet HTML 8Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 9Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 10Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 11Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 12Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 13Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 14Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 15Page - DOMINANT Semiconductors DSX-XSS Datasheet HTML 16Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
29/08/2017 V25.0
13
Time (sec)
0
50
100
150
200
300
250
225
200
175
150
125
100
75
50
25
275
Classification Reflow Profile (JEDEC J-STD-020C)
Ramp-up
3˚C/sec max.
255-260˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-180s
480s max
217˚C
Recommended Pb-free Soldering Profile
AllnGaP : DSx-xSS
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com