Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSR-CSS-PQ2-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DSR-CSS-PQ2-1
Description  Right Angle DomiLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSR-CSS-PQ2-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DSR-CSS-PQ2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DSR-CSS-PQ2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
29/08/2017 V25.0
4
AllnGaP : DSx-xSS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Unit
Characteristics
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
0.01
0.03
0.05
0.04
0.09
0.10
0.02
0.10
TCV
-2.3
-4.3
-3.2
-1.6
-3.3
-0.2
-2.0
-0.2
mV / K
TCIV
-0.52
-0.59
-0.60
-0.62
-1.05
-1.20
-0.62
-1.17
% / K
DSS-CSS
DSR-CSS
DSA-CSS
DSO-CSS
DSY-CSS
DSG-CSS
DSR-TSS
DSP-SSS
Part Number
DSS-CSS
DSR-CSS
DSA-CSS
DSO-CSS
DSY-CSS
DSG-CSS
DSR-TSS
DSP-SSS
DSS-CSS
DSR-CSS
DSA-CSS
DSO-CSS
DSY-CSS
DSG-CSS
DSR-TSS
DSP-SSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com