Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSZB-LSG Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DSZB-LSG
Description  Right Angle DomiLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSZB-LSG Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DSZB-LSG Datasheet HTML 1Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 2Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 3Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 4Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 5Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 6Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 7Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 8Page - DOMINANT Semiconductors DSZB-LSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
InGaN : DSZB-LSG
27/04/2017 V4.0
4
DOMINANT
Opto Technologies
Innovating Illumination
TM
1
Bin
7J
7K
7L
8J
8K
8L
0.2020
0.3070
0.1930
0.3080
0.1870
0.3080
0.2059
0.3225
0.1970
0.3240
0.1910
0.3240
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
1
2
3
4
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
0.2078
0.3061
0.2020
0.3070
0.1930
0.3080
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
0.2020
0.3068
0.1930
0.3080
0.1870
0.3080
0.2078
0.3060
0.2020
0.3070
0.1930
0.3080
0.2118
0.3219
0.2060
0.3230
0.1970
0.3240
InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performance.
Current pulsing should be used for dimming purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com