Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DST
Description  Right Angle DomiLED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DST Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DST Datasheet HTML 1Page - DOMINANT Semiconductors DST Datasheet HTML 2Page - DOMINANT Semiconductors DST Datasheet HTML 3Page - DOMINANT Semiconductors DST Datasheet HTML 4Page - DOMINANT Semiconductors DST Datasheet HTML 5Page - DOMINANT Semiconductors DST Datasheet HTML 6Page - DOMINANT Semiconductors DST Datasheet HTML 7Page - DOMINANT Semiconductors DST Datasheet HTML 8Page - DOMINANT Semiconductors DST Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
03/10/2016 V15.0
2
DSB-SSS-PQ2-1
DSB-USS-QR2-1
DSB-USS-ST1-1
DST-SSS-RS2-1
DST-SSS-TU1-1
DST-USS-TU2-1
DST-USS-UV1-1
Blue, 470nm
Blue, 470nm
Blue, 470nm
True Green, 525nm
True Green, 525nm
True Green, 525nm
True Green, 525nm
120
120
120
120
120
120
120
45.0
71.5
180.0
112.5
285.0
285.0
450.0
InGaN : DSx-xSx
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd) Appx. 1.1
Not for new design
Min.
Typ.
Max.
71.5
112.5
224.0
180.0
355.0
450.0
560.0
112.5
180.0
355.0
285.0
560.0
715.0
900.0
Optical Characteristics at Tj=25˚C
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DSB
DST
3.2
3.4
3.8
4.0
5.0
5.0
Min. (V)
2.9
2.9
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com