Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSW-LLG Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # SSW-LLG
Description  SpiceLED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSW-LLG Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button SSW-LLG Datasheet HTML 4Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 5Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 6Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 7Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 8Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 9Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 10Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 11Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
26/10/2016 V6.0
8
InGaN White S-Spice : SSW-LLG-I5
DOMINANT
Opto Technologies
Innovating Illumination
TM
0 o
10 o
70 o
60 o
50 o
40 o
30 o
20 o
90 o
80 o
0.6
0.8
1.0
0.2
0.4
0
Radiation Pattern
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
0
10
20
30
40
50
Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
09/1/2015 V4.0
8
InGaN White S-Spice : SSW-LLG-I5
DOMINANT
Opto Technologies
Innovating Illumination
TM
0 o
10 o
70 o
60 o
50 o
40 o
30 o
20 o
90 o
80 o
0.6
0.8
1.0
0.2
0.4
0
Radiation Pattern
Relative Intensity Vs Forward Current
Forward Current; mA
0
5
10 15 20 25 30 35 40 45 50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
Forward Current Vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current; mA
0
5
10 15 20 25 30 35 40 45 50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current; mA
0
5
10 15 20 25 30 35 40 45 50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity vs Forward Current
Forward Current, mA
0
10 20 30 40 50 60 70 80 90 100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
Forward Current Vs Forward Voltage
Forward Voltage, V
012
34
0
5
10
15
20
25
30
Forward Current Vs Forward Voltage
Forward Voltage, V
01
234
0
5
10
15
20
25
30
Relative Intensity vs Wavelength
Wavelength; nm
400
450
500
550
600
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Dominant Wavelength Shift Vs Forward Current
Forward Current; mA
0
5
10
15
20
25
30
-0.6
0.4
1.4
2.4
3.4
Maximum Current vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
Forward Current Vs Forward Voltage
Forward Voltage, V
012
34
0
5
10
15
20
25
30
Forward Current Vs Forward Voltage
Forward Voltage, V
01
234
0
5
10
15
20
25
30
Relative Intensity vs Wavelength
Wavelength; nm
400
450
500
550
600
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Dominant Wavelength Shift Vs Forward Current
Forward Current; mA
0
5
10
15
20
25
30
-0.6
0.4
1.4
2.4
3.4
Maximum Current vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity vs Forward Current
Forward Current, mA
0
10 20 30 40 50 60 70 80 90 100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity Vs Forward Current
Forward Current, mA
0
5
10 15 20 25 30 35 40 45
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Current Vs Ambient Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Dominant Wavelength Shift Vs Forward Current
Forward Current; mA
0
5
10
15
20
25
30
-3
0
3
6
9
12
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
0
10
20
30
40
50
Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
Forward Current Vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
012
34
0
5
10
15
20
25
30
35
Maximum Current Vs Forward Current
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current Vs Forward Voltage
Forward Current, mA
Forward Voltage; V
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
0
10
20
30
40
50
Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Maximum Current Vs Forward Current
Relative Intensity Vs Wavelength
Ambient Temperature
Wavelength; nm
Forward Current, mA
Chromaticity Coordinate Shift
Measurement Report
Report No.
FAE0032_LED Optical Measuremnet
Date :
Measurement Equipment
Measurement condition
Spectrometer :
Instrument Systems CAS140B
Temperature :
25
°C
Power Source :
Keithley 2400
Humidity :
<65%
RH
Project Name :
Chromaticity vs forward current test
May Tan
Measurement Data
(mA)
SSW-LLG
1
0.5
0.2956
0.2916
-0.0086
-0.0013
0.2892
0.2915
-0.0103
-0.0003
0.2929
0.2862
-0.0081
-0.0019
-0.0090
-0.0012
2
1.0
0.2972
0.2917
-0.0070
-0.0012
0.2915
0.2916
-0.0080
-0.0002
0.2953
0.2865
-0.0057
-0.0016
-0.0069
-0.0010
3
1.5
0.2988
0.2922
-0.0054
-0.0007
0.2934
0.2916
-0.0061
-0.0002
0.2970
0.2871
-0.0040
-0.0010
-0.0052
-0.0006
4
2.0
0.3001
0.2923
-0.0041
-0.0006
0.2947
0.2917
-0.0048
-0.0001
0.2980
0.2873
-0.0030
-0.0008
-0.0040
-0.0005
5
2.5
0.3011
0.2927
-0.0031
-0.0002
0.2959
0.2917
-0.0036
-0.0001
0.2988
0.2877
-0.0022
-0.0004
-0.0030
-0.0002
6
3.0
0.3018
0.2927
-0.0024
-0.0002
0.2968
0.2917
-0.0027
-0.0001
0.2994
0.2879
-0.0016
-0.0002
-0.0022
-0.0002
7
3.5
0.3025
0.2928
-0.0017
-0.0001
0.2977
0.2917
-0.0018
-0.0001
0.3000
0.2879
-0.0010
-0.0002
-0.0015
-0.0001
8
4.0
0.3032
0.2929
-0.0010
0.0000
0.2984
0.2918
-0.0011
0.0000
0.3003
0.2880
-0.0007
-0.0001
-0.0009
0.0000
9
4.5
0.3036
0.2928
-0.0006
-0.0001
0.2990
0.2918
-0.0005
0.0000
0.3006
0.2880
-0.0004
-0.0001
-0.0005
-0.0001
10
5.0
0.3042
0.2929
0.0000
0.0000
0.2995
0.2918
0.0000
0.0000
0.3010
0.2881
0.0000
0.0000
0.0000
0.0000
11
10.0
0.3078
0.2938
0.0036
0.0009
0.3034
0.2922
0.0039
0.0004
0.3034
0.2888
0.0024
0.0007
0.0033
0.0007
12
15.0
0.3102
0.2949
0.0060
0.0020
0.3060
0.2923
0.0065
0.0005
0.3049
0.2896
0.0039
0.0015
0.0055
0.0013
15
20.0
0.3120
0.2959
0.0078
0.0030
0.3079
0.2931
0.0084
0.0013
0.3061
0.2903
0.0051
0.0022
0.0071
0.0022
Chromacity Chart
Device
No.
IF
CX
Delta CX
Delta CY
Delta CX
Delta CY
Average
CY
Delta CX
Delta CY
Delta CX
21st May 2015
CX
CY
Delta CY
Unit 1
Unit 2
Unit 3
CX
CY
Requestor
0.0100
0.0200
Chromaticity Coordinate Shift
Delta
CX
Delta
Cx
Summary
NA
-0.0200
-0.0100
0.0000
0.0
2.0
4.0
6.0
8.0 10.0 12.0 14.0 16.0 18.0 20.0
Forward current (mA)
Delta
CY
Cy
Page 1 of 1
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
012
34
0
5
10
15
20
25
30
35
Maximum Current Vs Forward Current
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com