Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSx-CLD Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SSx-CLD
Description  SpiceLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSx-CLD Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SSx-CLD Datasheet HTML 1Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 2Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 3Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 4Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 5Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 6Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 7Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 8Page - DOMINANT Semiconductors SSx-CLD Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
26/10/2016 V13.0
2
SSS-CLD-N2P-1
SSS-CLD-P2Q-1
SSR-CLD-PQ1-1
SSA-CLD-P2Q-1
SSO-CLD-P2Q-1
SSO-CLD-QR1-1
SSY-CLD-P2Q-1
SSY-CLD-Q2R-1
SSG-CLD-M2N-1
SSP-CLD-KL1-1
Super Red, 632 nm
Super Red, 632 nm
Red, 625 nm
Amber, 615nm
Orange, 605 nm
Orange, 605 nm
Yellow, 587 nm
Yellow, 587 nm
Green, 570 nm
Pure Green, 560 nm
160
160
160
160
160
160
160
160
160
160
35.5
56.0
45.0
56.0
56.0
71.5
56.0
90.0
22.4
7.2
AlInGaP S-Spice : SSx-CLD
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd) Appx. 1.1
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max
56.0
90.0
71.5
90.0
90.0
112.5
90.0
135.0
35.5
11.2
71.5
112.5
90.0
112.5
112.5
140.0
112.5
180.0
45.0
14.0
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
SSx-CLD
2.0
2.4
12
Min. (V)
1.8
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com