Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSS-HLD-R2T1-1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SSS-HLD-R2T1-1
Description  SpiceLED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSS-HLD-R2T1-1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SSS-HLD-R2T1-1 Datasheet HTML 1Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 2Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 3Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 4Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 5Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 6Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 7Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 8Page - DOMINANT Semiconductors SSS-HLD-R2T1-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
20/12/2016 V1.0
2
SSS-HLD-R2T1-1
SSR-HLD-ST2-1
SSA-HLD-S2U1-1
SSY-HLD-ST2-1
Super Red, 632 nm
Red, 625 nm
Amber, 615 nm
Yellow, 587 nm
160
160
160
160
140.0
180.0
224.0
180.0
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd) Appx. 1.1
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max
224.0
285.0
355.0
285.0
355.0
450.0
560.0
450.0
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
SSx-HLD
2.1
2.5
12
Min. (V)
1.8
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Real Thermal Resistance
Junction / ambient, Rth JA real
Junction / solder point, Rth JS real
- Electrical Thermal Resistance
Junction / ambient, Rth JA el
Junction / solder point, Rth JS el
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
30
250
12
2000
110
-40 … +100
-40 … +100
80
450
180
415
165
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
K/W
K/W
SSx-HLD
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com