Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS85
Description  200mW Small Signal Schottky Barrier Diodes 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS85 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS85_12 Datasheet HTML 1Page - Micro Commercial Components BAS85_12 Datasheet HTML 2Page - Micro Commercial Components BAS85_12 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 3. Forward Current vs. Forward Voltage
0
0.5
1.0
1.5
15824
0.1
1
10
100
1000
Tj =25 ° C
Tj = 150 ° C
VF - Forward Voltage(V)
Figure 4. Diode Capacitance vs. Reverse Voltage
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
15825
f=1MHz
VR - Reverse Voltage(V)
Figure 1. Max. Reverse Power Dissipation vs. Junction
Temperature
0
20
40
60
80
100
120
140
160
180
200
25
50
75
100
125
150
Tj - Junction Temperature °
(C )
15822
VR =30V
RthJA = 540 K/W
- Limit
@ 100% V
PR
R
- Limit
@ 80% V
PR
R
Figure 2. Reverse Current vs. Junction Temperature
1
10
100
1000
25
50
75
100
125
150
15823
VR =VRRM
Tj - Junction Temperature °
(C )
MCC
BAS85
Revision: B
2012/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com