Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KK270P-3CD3CG Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # KK270P-3CD3CG
Description  HIGH EFFICIENCY MULTICRYSTALLINE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KK270P-3CD3CG Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  KK270P-3CD3CG Datasheet HTML 1Page - Kyocera Kinseki Corpotation KK270P-3CD3CG Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KK270P-3CD3CG
Specifications
SPECIFICATIONS
Headquarters
Corporate Solar Energy Group
6 Takeda Tobadono-cho Fushimi-ku, Kyoto
612-8501, Japan
TEL: 81-75-604-3476
http://www.kyocera.com/
298 Tiong Bahru Road, #13-03/05
Central Plaza, 168730, Singapore
TEL: 65-6271-0500
http://www.kyocera.com.sg
KYOCERA Asia Pacific Pte. Ltd.
DS13101/HW
Module Efficiency 16.4%
KK270P-3CD3CG
Electrical Performance under Standard Test Conditions (STC*)
Maximum Power (Pmax)
270 W (+5%, -3%)
Maximum Power Voltage (Vmpp)
31.0 V
Maximum Power Current (Impp)
8.71 A
Open Circuit Voltage(Voc)
38.3 V
Short Circuit Current (Isc)
9.43 A
Max System Voltage
1000 V
Temperature Coefficient of Voc
-1.36 x 10-1 V/℃
Temperature Coefficient of Isc
5.43 x 10-3 A/℃
*STC: Irradiance 1000W/m2, AM1.5 spectrum, module temperature 25℃
Electrical Performance at 800W/m2, NOCT*, AM1.5
Maximum Power (Pmax)
194W
Maximum Power Voltage
27.9 V
Maximum Power Current
6.96 A
Open Circuit Voltage (Voc)
35.1 V
Short Circuit Current (Isc)
7.63 A
*NOCT (Nominal Operating Cell Temperature): 45℃
Cells
Number per Module
60
Cell Technology
Multi crystalline
Module Characteristics
Length x Width x Depth without Box
1662 x 990 x 46 mm
Weight
19.0 kg
Cable
(+)1200 / (-) 1200 mm
Junction Box Characteristics
Length x Width x Depth
111 x 90 x 15.9 [mm]
IP Code
IP 67
Others
Reduction*
3.3 %
Limiting Reverse Current
15 A
Mechanical load (to IEC61215 ed.2)
Pressure 2400 Pa
Physical Specifications
KYOCERA reserves the right to modify these specifications without notice
946



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com