Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R3 Datasheet(PDF) 18 Page - PULS GmbH

Part # CP10.241-R3
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R3 Datasheet(HTML) 18 Page - PULS GmbH

Back Button CP10.241-R3 Datasheet HTML 14Page - PULS GmbH CP10.241-R3 Datasheet HTML 15Page - PULS GmbH CP10.241-R3 Datasheet HTML 16Page - PULS GmbH CP10.241-R3 Datasheet HTML 17Page - PULS GmbH CP10.241-R3 Datasheet HTML 18Page - PULS GmbH CP10.241-R3 Datasheet HTML 19Page - PULS GmbH CP10.241-R3 Datasheet HTML 20Page - PULS GmbH CP10.241-R3 Datasheet HTML 21Page - PULS GmbH CP10.241-R3 Datasheet HTML 22Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
18/31
P R E L I M I N A R Y
17. ENVIRONMENT
Operational temperature
-25°C to +70°C (-13°F to 158°F)
Operational temperature is the same as the ambient
or surrounding temperature and is defined as the air
temperature 2cm below the unit.
Storage temperature
-40°C to +85°C (-40°F to 185°F)
For storage and transportation
Output de-rating 1)
0.13A/°C
0.25A/°C
0.63A/1000m or 5°C/1000m
0.38A/-5kPa or 3°C/-5kPa
Between +45°C and +60°C (113°F to 140°F)
Between +60°C and +70°C (140°F to 158°F)
For altitudes >2000m (6560ft), see Fig. 17-2
For atmospheric pressures <80kPa, see Fig. 17-2
Humidity
5 to 95% r.h.
According to IEC 60068-2-30
Do not energize while condensation is present.
Atmospheric pressure
110-47kPa
See see Fig. 17-2 for details
Altitude
Up to 6000m (20 000ft)
See see Fig. 17-2 for details
Over-voltage category
III
According to IEC 60664-1 for altitudes up to 2000m
II
According to IEC 60664-1, for altitudes between 2000
and 6000m and atmospheric pressures from 80-47kPa.
Degree of pollution
2
According to IEC 60664-1, not conductive
Vibration sinusoidal
2-17.8Hz: ±1.6mm;
17.8-500Hz: 2g
2 hours / axis
According to IEC 60068-2-6
Shock 2)
30g 6ms, 20g 11ms
3 bumps per direction, 18
bumps in total
According to IEC 60068-2-27
LABS compatibility
As a rule, only non-silicon precipitating materials are used. The unit conforms to the
LABS criteria and is suitable for use in paint shops.
Corrosive gases
Tested according to ISA-71.04-1985, Severity Level G3 and IEC 60068-2-60 Test Ke
Method 4 for a service life of minimum 10years in these environments.
Audible noise
Some audible noise may be emitted from the power supply during no load, overload or
short circuit.
1) The de-rating is not hardware controlled. The customer has to take this into consideration to stay below the de-rated current limits in order
not to overload the unit.
2) Shock and vibration is tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and
standard orientation.
Fig. 17-1 Output current vs. ambient temp.
Fig. 17-2 Output current vs. altitude
Allowed Output Current
0
-25
0
20
40
70°C
2A
4A
6A
8A
10A
12A
60
A
B
A... continuous
B... short term (max. 5s)
2000m
4000m
6000m
2A
4A
6A
8A
10A
12A
Altitude
Allowed Output Current
B
C
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 45°C
D... Short term
A
D
AP*)
80kPa
62kPa
47kPa
110kPa
0m
Ambient Temperature
*) Atmospheric pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com