Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL81A Datasheet(PDF) 3 Page - OSRAM GmbH

Part # IRL81A
Description  High Power Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

IRL81A Datasheet(HTML) 3 Page - OSRAM GmbH

  IRL81A Datasheet HTML 1Page - OSRAM GmbH IRL81A Datasheet HTML 2Page - OSRAM GmbH IRL81A Datasheet HTML 3Page - OSRAM GmbH IRL81A Datasheet HTML 4Page - OSRAM GmbH IRL81A Datasheet HTML 5Page - OSRAM GmbH IRL81A Datasheet HTML 6Page - OSRAM GmbH IRL81A Datasheet HTML 7Page - OSRAM GmbH IRL81A Datasheet HTML 8Page - OSRAM GmbH IRL81A Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.5
IRL 81 A
2016-10-12
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 100 mA, tp = 20 ms)
(typ)
TCI
-0.5
% / K
Temperature coefficient of V
F
(I
F = 100 mA, tp = 20 ms)
(typ)
TC
V
-0.7
mV / K
Temperature coefficient of wavelength
(IF = 100 mA, tp = 20 ms)
(typ)
TC
λ
0.3
nm / K
Group
Min Radiant Intensity
Max Radiant Intensity
IF = 20 mA, tp = 20 ms
IF = 20 mA, tp = 20 ms
Ie, min [mW / sr]
Ie, max [mW / sr]
IRL 81 A - Q
6.3
12.5
IRL 81 A - R
10
20
IRL 81 A - S
16
32
IRL 81 A - T
25
50
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 1.6:1).
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com