Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4247 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4247
Description  Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4247 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4247 Datasheet HTML 1Page - OSRAM GmbH SFH4247 Datasheet HTML 2Page - OSRAM GmbH SFH4247 Datasheet HTML 3Page - OSRAM GmbH SFH4247 Datasheet HTML 4Page - OSRAM GmbH SFH4247 Datasheet HTML 5Page - OSRAM GmbH SFH4247 Datasheet HTML 6Page - OSRAM GmbH SFH4247 Datasheet HTML 7Page - OSRAM GmbH SFH4247 Datasheet HTML 8Page - OSRAM GmbH SFH4247 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2017-01-23
1
2017-01-23
Infrared Emitter (940 nm)
Version 1.5 / acc. to OS-PCN-2016-018-A
SFH 4247
Ordering Information
Features:
•
Wavelength 950nm
•
Short switching times
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Infrared Illumination for cameras
•
IR data transmission
•
Sensor technology
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 70 mA, tp = 20 ms
SFH 4247
12 (≥ 6.3)
Q65110A8091
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4247

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4240 OSRAM-SFH4240 Datasheet
157Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4240 OSRAM-SFH4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH4240 OSRAM-SFH4240_16 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH4243 OSRAM-SFH4243 Datasheet
154Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4243 OSRAM-SFH4243 Datasheet
420Kb / 13P
High Power Infrared Emitter
More results

Similar Description - SFH4247

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
Infrared Emitter
MTSM0077-843-IR MARKTECH-MTSM0077-843-IR Datasheet
1Mb / 5P
Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com