Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4250S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4250S
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4250S Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4250S Datasheet HTML 1Page - OSRAM GmbH SFH4250S Datasheet HTML 2Page - OSRAM GmbH SFH4250S Datasheet HTML 3Page - OSRAM GmbH SFH4250S Datasheet HTML 4Page - OSRAM GmbH SFH4250S Datasheet HTML 5Page - OSRAM GmbH SFH4250S Datasheet HTML 6Page - OSRAM GmbH SFH4250S Datasheet HTML 7Page - OSRAM GmbH SFH4250S Datasheet HTML 8Page - OSRAM GmbH SFH4250S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2018-01-10
4
Version 1.9
SFH 4250S
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 300 K / W, RthJS = 140 K / W
Forward Current 3) page 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Permissible Pulse Handling Capability
IF = f (τ), TA = 85 °C, duty cycle D = parameter
0
0
˚C
TA
F
I
mA
OHF05696
20
40
60
80
100
20
40
60
80
100
120
TS
,
thJS
R
thJA
R
OHF05579
F
I
V
mA
2
F
V
5
10
2
5
10
3
10
1
10
0
3
4
5
tp
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05697
-5
10
-3
-4
10
10
-1
-2
10
10
1
0
10
10 s
2
10
0.5
1
0.2
0.1
0.01
0.05
0.02
=
0.005
D
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF04491
T
t
P
IF
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.75
0.02
0.1
0.05
0.5
0.2
1
0.01
0.005
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com