Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4253-R Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4253-R
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4253-R Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4253-R Datasheet HTML 1Page - OSRAM GmbH SFH4253-R Datasheet HTML 2Page - OSRAM GmbH SFH4253-R Datasheet HTML 3Page - OSRAM GmbH SFH4253-R Datasheet HTML 4Page - OSRAM GmbH SFH4253-R Datasheet HTML 5Page - OSRAM GmbH SFH4253-R Datasheet HTML 6Page - OSRAM GmbH SFH4253-R Datasheet HTML 7Page - OSRAM GmbH SFH4253-R Datasheet HTML 8Page - OSRAM GmbH SFH4253-R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-09-23
1
2016-09-23
High Power Infrared Emitter (850 nm)
Version 1.5
SFH 4253
Ordering Information
Features:
•
High Power Infrared LED
•
Short switching time
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Infrared Illumination for cameras
•
IR data transmission
•
Sensor technology
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 70 mA, tp = 20 ms
SFH 4253
13 (≥ 6.3)
Q65110A6657
SFH 4253-R
10 ... 20
Q65111A9684
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4253-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4253 OSRAM-SFH4253 Datasheet
154Kb / 10P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4253R OSRAM-SFH4253R Datasheet
455Kb / 13P
High Power Infrared Emitter
SFH4253R-R OSRAM-SFH4253R-R Datasheet
455Kb / 13P
High Power Infrared Emitter
More results

Similar Description - SFH4253-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com