Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-4817SW-P Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTS-4817SW-P
Description  LED Display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-4817SW-P Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTS-4817SW-P Datasheet HTML 6Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 7Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 8Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 9Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 10Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 11Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 12Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 13Page - Lite-On Technology Corporation LTS-4817SW-P Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.:LTS-4817SW-P
PAGE:
11 of 12
BNS-OD-C131/A4
PACKING CARRIER DIMENSIONS
1. Taping parts:
1 . 1 0 sp ro ck et h o le p itch cu m u lativ e to leran ce ± 0 .2 0 .
2 . C arrier cam b er is w ith in 1 m m in 2 5 0 m m .
3 . A ll d im en sio n s m eet E IA -4 8 1 -C req u irem en ts.
5 . P ack in g len g th p er 2 2 " reel : 4 5 .5 0 M eters.
6 . C o m p o n en t lo ad p er 1 3 " reel : 8 0 0 p cs.
4 . T h ick n ess : 0 .4 0 ± 0 .0 5 m m .
2. Trailer part/ Leader part:
(4 0 m m M IN .)
(4 0 0 m m M IN .)
(4 0 m m M IN .)
D IR E C T IO N O F P U L L IN G O U T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com