Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2000MRWRI4 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MB2000MRWRI4
Description  Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB2000MRWRI4 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MB2000MRWRI4 Datasheet HTML 1Page - MicroPower Direct, LLC MB2000MRWRI4 Datasheet HTML 2Page - MicroPower Direct, LLC MB2000MRWRI4 Datasheet HTML 3Page - MicroPower Direct, LLC MB2000MRWRI4 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
Pin
Single
Dual
1+VIN
+VIN
4
No Pin
Comm.
2-VIN
-VIN
5-VOUT
-VOUT
3+VOUT
+VOUT
Pin Connections
Related Products
Medical Approved DC/DC’s
Thousands of standard power products ranging from 0.5W to 500W are
available from MPD in a wide variety of packages and pin-outs. This
includes many more families with EN 60601 medical approval
MB1000MRWRI4 Series
• 10W Output Power
• 4.2 kVrms Isolation
• Reinforced Insulation
• Meets 1xMOPP & 2xMOOP
• 10 µA Leakage Current Max
• Wide 2:1 Input Range
• Compact 1 x 2 In Case
• Single & Dual Outputs
• 1.0 MH MTBF
• EN 60601 Approved
MA600MRWRI5 Series
• 6W Output Power
• 5 kVrms Isolation
• Reinforced Insulation
• Meets 2xMOPP
• 2 µA Leakage Current Max
• Wide 2:1 Input Range
• Compact DIP Case
• Single & Dual Outputs
• 1.0 MH MTBF
• EN 60601 Approved
ML200MRRI4 Series
• 2W Output Power
• 4 kVrms Isolation
• Reinforced Insulation
• Meets 1xMOPP & 2xMOOP
• 2 µA Leakage Current Max
• Compact SMT Case
• Available on Tape/Reel
• 2.0 MH MTBF
• EN 60601 Approved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com