Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPV1580LS Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPV1580LS
Description  Compact PV Power, 15W 200 - 1500V Input DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV1580LS Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPV1580LS Datasheet HTML 1Page - MicroPower Direct, LLC MPV1580LS Datasheet HTML 2Page - MicroPower Direct, LLC MPV1580LS Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
15W Output Power
200 - 1500 VDC Input Range
4,000 VAC Isolation
Compact Case
Input Under Volt Protection
Output Over Volt Protection
Short Circuit Protection
-25°C to +70°C Operation
>300 kHours MTBF
MPV1580L
Compact PV Power, 15W
200 - 1500V Input
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
200
1,500
VDC
Input Start Voltage
180
195
VDC
Under Voltage Shutdown
170
185
VDC
Input Current
200 VDC Input
130
mA
1500 VDC Input
25
Inrush Current
200 VDC Input
50
A
1500 VDC Input
150
Start-Up Time
2.0
S
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
%
Line Regulation
VIN = MIN to MAX
±1.0
%
Load Regulation
IOUT = 0% to 100%
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
150
300
mV P - P
Temperature Coefficient
±0.02
%/°C
Over Power Protection
Autorecovery
120
%IOUT
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
4,000
VAC
Switching Frequency
65
kHz
EMI Characteristics
Parameter
Standard
Criteria
Level
Radiated Emissions, See Note 2
EN 55022
Class A
Conducted Emissions, See Note 2
EN 55022
Class A
ESD
EN 61000-4-2
B
±6 kV/±8
RS
EN 61000-4-3
A
10V/m
EFT, See Note 3
EN 61000-4-4
B
±2 kV
Surge, See Note 4
EN 61000-4-5
B
±1 kV
CS
EN 61000-4-6
A
10 Vrms
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+70
°C
Storage Temperature Range
-25
+85
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawings (Page 3)
Case Material
Black, Flame Retardant, Non-Conductive Plastic (UL94-V0)
Weight
9.57 Oz (270g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Lead Temperature, See Note 5
Wave Soldering (5-10S)
255
260
265
°C
Manual Soldering (3-5S)
350
360
370
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - MPV1580LS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1560S-12RHI MPD-MPV1560S-12RHI Datasheet
802Kb / 4P
Compact, 12:1 Input PV Power 15W DC/DC Converters
MPV1560S-12RI4 MPD-MPV1560S-12RI4 Datasheet
603Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1560S-15RHI MPD-MPV1560S-15RHI Datasheet
802Kb / 4P
Compact, 12:1 Input PV Power 15W DC/DC Converters
MPV1560S-15RI4 MPD-MPV1560S-15RI4 Datasheet
603Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
More results

Similar Description - MPV1580LS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MC1500XRW MPD-MC1500XRW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
MPV1060RI4 MPD-MPV1060RI4 Datasheet
563Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV4060S MPD-MPV4060S Datasheet
1Mb / 4P
Compact, 6:1 Input PV Power 40W DC/DC Con vert ers
MPV4080S MPD-MPV4080S Datasheet
649Kb / 3P
PV Power, 40W 200 - 1500V Input DC/DC Con vert ers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com