Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99C Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BAV99C
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAV99C Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BAV99C Datasheet HTML 1Page - KEC(Korea Electronics) BAV99C Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2015. 5. 12
2/2
BAV99C
Revision No : 0
1
0.2
REVERSE VOLTAGE V
(V)
R
R
T
C
- V
10
0
REVERSE VOLTAGE V
(V)
R
0
I
- V
I
- V
F
FORWARD VOLTAGE V
(V)
0
10
FF
0.2
0.4
0.6
0.8
1.0
1.2
-2
-1
10
2
10
3
10
1
RR
20
40
60
80
-3
-2
10
-1
10
1
10
Ta=100 C
Ta=75 C
Ta=50 C
Ta=25 C
0.5
1.0
1.5
2.0
2.5
3
10
30
100
200
f=1MHz
Ta=25 C
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com