Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF40N120KDF Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KGF40N120KDF
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KGF40N120KDF Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KGF40N120KDF Datasheet HTML 1Page - KEC(Korea Electronics) KGF40N120KDF Datasheet HTML 2Page - KEC(Korea Electronics) KGF40N120KDF Datasheet HTML 3Page - KEC(Korea Electronics) KGF40N120KDF Datasheet HTML 4Page - KEC(Korea Electronics) KGF40N120KDF Datasheet HTML 5Page - KEC(Korea Electronics) KGF40N120KDF Datasheet HTML 6Page - KEC(Korea Electronics) KGF40N120KDF Datasheet HTML 7Page - KEC(Korea Electronics) KGF40N120KDF Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2017. 02. 24
7/8
KGF40N120KDF
Revision No : 0
Fig 17. Forward Characteristics
Forward Voltage VF (V)
Forward Current IF (A)
040
50
80
10
20
30
60
70
90
0
8
10
12
14
6
2
4
Fig 18. Reverse Recovery Current
di/dt=100A/
μs
di/dt=200A/
μs
01
0.5
2
1.5
3
3.5
2.5
4
0
60
50
80
70
20
10
40
30
T
C = 25 C
T
C = 125 C
Forward Current IF (A)
Fig 19. Reverse Recovery Time
040
80
20
60
100
0
600
500
100
400
300
200
di/dt=200A/
μs
di/dt=100A/
μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com