Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA701945APAFAT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA701945APAFAT
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA701945APAFAT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA701945APAFAT Datasheet HTML 1Page - KEC(Korea Electronics) KIA701945APAFAT Datasheet HTML 2Page - KEC(Korea Electronics) KIA701945APAFAT Datasheet HTML 3Page - KEC(Korea Electronics) KIA701945APAFAT Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2014. 10. 13
2/4
KIA7019AP/AF/AT~KIA7045AP/AF/AT
Revision No : 5
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25
℃)
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3
~+15.0
V
Power Dissipation (Package Limitation)
KIA7019AP
~45AP
PD
400
mW
KIA7019AF
~45AF
500
KIA7019AT
~45AT
350
Operating Temperature
Topr
-30
~+85
℃
Storage Temperature
Tstg
-55
~+150
℃
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detecting Voltage
VS
1
RL=200Ω
VOL≦0.4V
KIA7019
KIA7021
KIA7023
KIA7025
KIA7027
KIA7029
KIA7031
KIA7032
KIA7033
KIA7034
KIA7035
KIA7036
KIA7039
KIA7042
KIA7045
1.75
1.95
2.15
2.35
2.55
2.75
2.95
3.05
3.15
3.25
3.35
3.45
3.75
4.05
4.35
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.2
3.3
3.4
3.5
3.6
3.9
4.2
4.5
2.05
2.25
2.45
2.65
2.85
3.05
3.25
3.35
3.45
3.55
3.65
3.75
4.05
4.35
4.65
V
Low-Level Output Voltage
VOL
1
RL=200Ω
-
-
0.4
V
Output Leakage Current
IOH
1
VCC=15V
-
-
0.1
μA
Hysteresis Voltage
ΔVs
1
RL=200Ω
30
50
100
mV
Detecting Voltage
Temperature Coefficient
Vs/
ΔT
1
RL=200Ω
-
±0.01
-
%/
℃
Circuit Current at on Time
IccL
1
VCC=Vsmin.-0.05V
-
300
500
μA
Circuit Current at off Time
IccH
1
VCC=5.25V
-
30
50
μA
Threshold Operating Voltage
Vopr
1
RL=200Ω, VOL≦0.4V
-
0.8
-
V
"L" Transmission Delay Time
tpHL
2
RL=1.0kΩ, CL=100pF
-
10
-
μs
"H" Transmission Delay Time
tpLH
2
RL=1.0kΩ, CL=100pF
-
15
-
μs
Output Current at on Time I
IoL I
1
VCC=Vsmin.-0.05V, Tc=25℃
20
-
-
mA
Output Current at on Time II
IoL II
1
VCC=Vsmin.-0.05V, Tc=-30~+75℃
16
-
-
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com