Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1464-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1464-R
Description  PNP Silicon Epitaxial Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1464-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1464-R Datasheet HTML 1Page - Micro Commercial Components 2SA1464-R Datasheet HTML 2Page - Micro Commercial Components 2SA1464-R Datasheet HTML 3Page - Micro Commercial Components 2SA1464-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP Silicon
Epitaxial Transistors
Features
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Maximum Ratings @ Ta = 25
(unless otherwise noted)
Symbol
Parameter
Value
Unit
IC
Collector Current
-0.5
A
PD
Collector Power Dissipation
0.2
W
TJ
Junction Temperature
150
TSTG
Storage Temperature Range
-55 to +150
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
TYPE
Max
Units
OFF CHARACTERISTICS
VCEO
Collector-Emitter Breakdown Voltage
-40
V
VCBO
Collector-Base Breakdown Voltage
-60
V
VEBO
Collector-Base Breakdown Voltage
-5.0
V
ICBO
Collector-Base Cutoff Current
(VCB=-40Vdc, IE=0)
- 100
nAdc
IEBO
Emitter-Base Cutoff Current
(VEB=-4.0Vdc, IC=0)
- 100
nAdc
ON CHARACTERISTICS
HFE
DC Current Gain (IC=-150mAdc, VCE=-2.0Vdc)
75
140
300
(IC=-500mAdc, VCE=-2.0Vdc)
20
50
VCE(sat)
Collector-Emitter Saturation Voltage *
(IC=-500mAdc, IB=-50mAdc)
-0.45
-0.75
Vdc
)7
Gain bandwidth product
(VCE=-10Vdc,IE=20mAdc)
150
400
MHZ
E
B
C
Cob
(VCB=-10Vdc,IE=0,f=1MHZ)
5
8
pF
2SA1464-Q
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
High fT: fT=400MHZ
2SA1464-P
2SA1464-R
VBE(sat)
Base-Emitter Saturation Voltage *
(IC=-500mAdc, IB=-50mAdc)
-1
-1.3
Vdc
Ton
Tstg
Toff
Turn-on time
Storage time
Turn-off time
VCC=-30V ,
IC=150mA ,
IB1=-IB2 =15mA
35
225
255
ns
ns
ns
CLASSIFICATION OF
hFE
Rank
P
Q
R
Range
75-150
100-200
150-300
Marking
Y12
Y13
Y14
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SA1464-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1464-3 KEXIN-2SA1464-3 Datasheet
1Mb / 3P
PNP Transistors
2SA1464-HF KEXIN-2SA1464-HF Datasheet
1Mb / 3P
PNP Transistors
2SA1464-HF-3 KEXIN-2SA1464-HF-3 Datasheet
1Mb / 3P
PNP Transistors
2SA1464-Y12 KEXIN-2SA1464-Y12 Datasheet
1Mb / 3P
PNP Transistors
2SA1464-Y12 KEXIN-2SA1464-Y12 Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SA1464-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P Datasheet
596Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
SBCP53T1G ONSEMI-SBCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
logo
Micro Commercial Compon...
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com