Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3052-F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC3052-F
Description  NPN General Purpose Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC3052-F Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC3052-F Datasheet HTML 1Page - Micro Commercial Components 2SC3052-F Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC3052-F
NPN General
Purpose Amplifier
SOT-23
Suggested Solder
Pad Layout
Features
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
hFE
DC Current Gain
(IC=1.0mAdc, VCE=6.0Vdc)
150
800
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
0.3
Vdc
VBE(sat)
Base-Emitter Voltage
(IC=100mAdc, IB=10mAdc)
1.0
Vdc
CLASSIFICATION OF hFE(1)
Rank
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
www.mccsemi.com
1 of 2
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current, Continuous
0.2
A
TJ
Operating Junction Temperature
-55 to +125
OC
TSTG
Storage Temperature
-55 to +125
OC
PD
Power Dissipation
0.15
W
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Type
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=100
µAdc, I
B=0)
50
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, I
E=0)
50
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, I
C=0)
6.0
Vdc
IcBO
Collector cut-off Current
(VCB=50Vdc, IE=0
0.1
µAdc
IEBO
Emitter cut-off Current
(VEB=6Vdc, IC=0
0.1
µAdc
fT
Transition Frequency
(IC=10mAdc, VCE=6Vdc)
180
MHz
Cob
Collector output capacitance
(IE=0, VCE=6Vdc,f=1MHz)
4.0
pF
Range
MARKING
E
F
150-300
250-500
LE
LF
G
400-800
LG
E
B
C
K
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Low collector to emitter saturation voltage
VCE(sat)=0.3V max(@IC=100mA,IB=10mA)
•
Excellent linearity of DC forward current gain
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
2SC3052-G
TM
Micro Commercial Components
2SC3052-E
(IC=0.1mAdc, VCE=6.0Vdc)
50
NF
Noise figure
(IE=-0.1mAdc, VCE=6Vdc,f=1KHz, RG=2K )
15
dB
Ω
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SC3052-F

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC3052-SOT-23 JIANGSU-2SC3052-SOT-23 Datasheet
80Kb / 1P
TRANSISTOR (NPN)
2SC3052-SOT-23-3L JIANGSU-2SC3052-SOT-23-3L Datasheet
36Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC3052-F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com